PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
POWER-32D POWER-22D POWER-12D |
(POWER-12D/-22D/-32D) Low power off-line switching power supply control chip
|
Xin Ke
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
MAX5941A06 MAX5941A MAX5941B MAX5941ACSE-T |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Maxim Integrated Products, Inc.
|
2SD1267A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SC3942 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB0936 2SB0936A 2SB936 2SB936A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|